PART |
Description |
Maker |
AIC1117CE AIC1117 AIC1117-28 AIC1117-28CE AIC1117- |
800mA Low Dropout Positive Adjustable
Regulator 800mA Low Dropout Positive Adjustable Regulator 800mA的低压差可调稳压器正
|
AIC[Analog Intergrations Corporation] Analog Integrations Corporation Analog Integrations, Corp.
|
MC33269DR2-012 MC33269T-012 MC33269DTRK-012 MC3326 |
800mA, 12V Output, Low Dropout Voltage Regulator; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 12 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PDSO8 800mA, 12V Output, Low Dropout Voltage Regulator; Package: TO-220, SINGLE GAUGE; No of Pins: 3; Container: Rail; Qty per Container: 50 12 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, SFM3 800mA, 12V Output, Low Dropout Voltage Regulator; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 12 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSSO2 ANA 0.8A 5V LDO VREG; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PDSO8
|
ON Semiconductor
|
IRU1117-25 |
800mA LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR
|
International Rectifier
|
IRU1117-33PBF |
800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
|
International Rectifier
|
AIC1732 AIC1732-33 AIC1732-33CX AIC1732-34CX AIC17 |
800mA Low Dropout Positive Adjustable Regulator 800mA的低压差可调稳压器正
|
Analog Integrations, Corp. AIC[Analog Intergrations Corporation] Analog Integrations Corporation
|
AZ1117BH-1.8TRE1 |
800mA LOW DROPOUT LINEAR REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO3
|
BCD Semiconductor Manufacturing, Ltd.
|
LT1117IST-2.85 LT1117IST-2.85-PBF LT1117IST-2.85-T |
800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
|
Linear Technology
|
TC2117 TC2117-3.3VDBTR TC2117-3.3VEBTR TC2117-1.8V |
The TC2117 is a fixed, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically for battery-operated ... 800mA Fixed Low Dropout Positive Regulator
|
Microchip Technology
|
APL1087R APL1087R-25DC-TR APL1087R-18DC-TUL APL108 |
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, and 3.3V 800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
|
Anpec Electronics, Corp. ANPEC[Anpec Electronics Coropration]
|
IRU1030CD IRU1030CM IRU1030CT IRU1030 IRU1030CDTR |
3A Adj LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
|
IRF[International Rectifier]
|
APL1085-33UC-TR APL1085-33UC-TU APL1085-UC-TR APL1 |
3.3 V, 3 A low dropout fast response positive adjustable regulator and fixed 3.3 V Adj, 3 A low dropout fast response positive adjustable regulator and fixed 3.3 V
|
ANPEC Electronics Corporation
|